Part Number Hot Search : 
RFS9630 BZX84C22 C0805X7R ADE775 04DE86 ST205207 NTE72 8TRPB
Product Description
Full Text Search
 

To Download TC23-11GWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsad2465 rev no: v.8 date: may/24/2007 page: 1 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1332000617 58mm (2.3 inch) 8x8 dot matrix display part number: TC23-11GWA green features z 2.3 inch matrix height. z dot size 5mm. z low current operation. z high contrast and light output. z compatible with ascii and ebcdic codes. z stackable horizontally. z column cathode and column anode available. z easy mounting on p.c. boards or sockets. z multicolor available. z mechanically rugged. z standard : gray face, white dot. z rohs compliant. description the green source color devices are made with gallium phosphide green light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subject to change without notice.
spec no: dsad2465 rev no: v.8 date: may/24/2007 page: 2 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1332000617 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. TC23-11GWA green (gap) white diffused 4700 18500 column cathode description symbol parameter device typ. max. units test conditions peak peak wavelength green 565 nm i f =20ma d [1] dominant wavelength green 568 nm i f =20ma ? 1/2 spectral line half-width green 30 nm i f =20ma c capacitance green 15 pf v f =0v;f=1mhz v f [2] forward voltage green 2.2 2.5 v i f =20ma i r reverse current green 10 ua v r =5v parameter green units power dissipation 62.5 mw dc forward current 25 ma peak forward current [1] 140 ma reverse voltage 5 v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsad2465 rev no: v.8 date: may/24/2007 page: 3 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1332000617 green TC23-11GWA
spec no: dsad2465 rev no: v.8 date: may/24/2007 page: 4 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1332000617 packing & label specifications TC23-11GWA


▲Up To Search▲   

 
Price & Availability of TC23-11GWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X